| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NB6L11M
|
147Kb / 9P |
2.5V / 3.3V 1:2 Differential CML Fanout Buffer
December, 2006 ??Rev. 0 |
|
NB6L611
|
146Kb / 9P |
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0 |
 Micrel Semiconductor |
SY58011U
|
200Kb / 9P |
7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
|
 ON Semiconductor |
NB6L11M
|
84Kb / 9P |
2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1 |
|
NB7L14M
|
230Kb / 11P |
2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1 |
|
NB7VQ58M
|
1Mb / 9P |
1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0 |
|
NB6L572M
|
161Kb / 9P |
2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1 |
|
NB7V72M
|
161Kb / 8P |
1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1 |
|
NB7V585M
|
156Kb / 8P |
1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1 |
 Micrel Semiconductor |
SY58011U
|
195Kb / 9P |
7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
|