Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX9616 Datasheet (PDF) - Texas Instruments

Part # TMUX9616
Description  TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
File Size   1851.87 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX9616 Datasheet (PDF) - Texas Instruments



Similar Part No. - TMUX9616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX9616 TI2-TMUX9616 Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
TMUX9616N TI2-TMUX9616N Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
TMUX9616NPTR TI2-TMUX9616NPTR Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
TMUX9616PTR TI2-TMUX9616PTR Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
TMUX9616PTR.B TI2-TMUX9616PTR.B Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
More results


Similar Description - TMUX9616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7234 TI-TMUX7234 Datasheet
1Mb / 36P
TMUX7234 44-V, Low Ron, 2:1, 4 Channel Precision Switch with Latch-Up Immunity and 1.8-V Logic
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7411F TI-TMUX7411F_V02 Datasheet
2Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX8211 TI-TMUX8211 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX9832 TI1-TMUX9832 Datasheet
570Kb / 7P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity
JUNE 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com