Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7808A Datasheet (PDF) - Belden Inc.

Part # 7808A
Description  50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
File Size   241.63 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7808A Datasheet (PDF) - Belden Inc.



Similar Part No. - 7808A

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
7808AC SS-7808AC Datasheet
443Kb / 5P
Linear Voltage Regulator
7808AC SS-7808AC Datasheet
2Mb / 5P
Linear Voltage Regulator
Rev 1.1 19/02/24
7808AC SS-7808AC Datasheet
330Kb / 5P
Linear Voltage Regulator
Rev 1.0 19/04/19
7808AC SS-7808AC Datasheet
406Kb / 5P
Linear Voltage Regulator
Rev 1.0 19/04/19
7808AC SS-7808AC_V01 Datasheet
2Mb / 5P
Linear Voltage Regulator
Rev 1.1 19/02/24
More results


Similar Description - 7808A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com