Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138L Datasheet (PDF) - TECH PUBLIC Electronics co LTD

Part # BSS138L
Description  N-Channel Enhancement Mode MOSFET
File Size   1962.67 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

BSS138L Datasheet (PDF) - TECH PUBLIC Electronics co LTD



Similar Part No. - BSS138L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS138L ONSEMI-BSS138L Datasheet
117Kb / 5P
Power MOSFET 200 mA, 50 V
July, 2013 ??Rev. 8
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
logo
ON Semiconductor
BSS138L ONSEMI-BSS138L Datasheet
265Kb / 9P
MOSFET – Power, N-Channel, SOT-23 200 mA, 50 V
April, 2024 - Rev. 14
logo
Unisonic Technologies
BSS138L-AE2-R UTC-BSS138L-AE2-R Datasheet
160Kb / 3P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138L-AL3-R UTC-BSS138L-AL3-R Datasheet
160Kb / 3P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Similar Description - BSS138L

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com