Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1160 Datasheet (PDF) - Flextech Hose Solutions Ltd.

Part # T1160
Description  Tubeflex™ PU || Polyurethane Air Coils (98shA)
File Size   279.21 Kbytes
Html View  1 
Manufacturer  FLEXTECH [Flextech Hose Solutions Ltd.]
Direct Link  https://www.flextechhose.co.uk/
Logo FLEXTECH - Flextech Hose Solutions Ltd.

T1160 Datasheet (PDF) - Flextech Hose Solutions Ltd.



Similar Part No. - T1160

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T116000 E-SWITCH-T116000 Datasheet
129Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T116001 E-SWITCH-T116001 Datasheet
131Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T116002 E-SWITCH-T116002 Datasheet
208Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T116003 E-SWITCH-T116003 Datasheet
212Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T116004 E-SWITCH-T116004 Datasheet
224Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Similar Description - T1160

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
291A FRONTIER-291A Datasheet
66Kb / 2P
SMD Air Wound Coils
292A FRONTIER-292A Datasheet
75Kb / 2P
SMD Air Wound Coils
293A FRONTIER-293A Datasheet
70Kb / 2P
SMD Air Wound Coils
294A FRONTIER-294A Datasheet
70Kb / 2P
SMD Air Wound Coils
logo
Token Electronics Indus...
TCACR0.83.18.5 TOKEN-TCACR0.83.18.5 Datasheet
370Kb / 4P
TCAC Air Coils Inductors Spring Coils
logo
Laird Tech Smart Techno...
COATING-300 LSTD-COATING-300 Datasheet
107Kb / 2P
Two part Polyurethane Coating
logo
Littelfuse
00557900 LITTELFUSE-00557900 Datasheet
127Kb / 1P
EBS Coils ??24V ??HYTREL and Polyurethane ??ISO 7638-1
logo
3M Electronics
8686 3M-8686 Datasheet
103Kb / 2P
3M Polyurethane Protective Tape
Jun-2010
8663 3M-8663 Datasheet
344Kb / 2P
3M™ Polyurethane Protective Tape
Jun-2018
8561 3M-8561 Datasheet
100Kb / 2P
Polyurethane Protective Tape
Apr-2010
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com