Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC0518 Datasheet (PDF) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MC0518
Description  COMPOSITE FORMING SMDINDUCTORS
File Size   271.64 Kbytes
Html View  1   2   3 
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MC0518 Datasheet (PDF) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.



Similar Part No. - MC0518

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MC05100-20 FAIRVIEW-MC05100-20 Datasheet
512Kb / 2P
SMA Directional Coupler 20 dB 100 MHz Rated To 3 Watts
REV 1.2
MC0512-10 FAIRVIEW-MC0512-10 Datasheet
499Kb / 3P
SMA Directional Coupler 10 dB Coupled Port From 500 MHz to 12.4 GHz Rated To 30 Watts
REV 4.1
MC0512-20 FAIRVIEW-MC0512-20 Datasheet
518Kb / 3P
SMA Directional Coupler 20 dB Coupled Port From 500 MHz to 12.4 GHz Rated To 30 Watts
REV 4.4
MC0512-30 FAIRVIEW-MC0512-30 Datasheet
626Kb / 3P
SMA Directional Coupler 30 dB Coupled Port From 500 MHz to 12.4 GHz Rated To 30 Watts
REV 4.3A
MC0512A-10 FAIRVIEW-MC0512A-10 Datasheet
602Kb / 3P
SMA Directional Coupler 10 dB 500 MHz to 12.4 GHz Rated to 30 Watts
REV 1.0A
More results


Similar Description - MC0518

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA1030-1 FPE-MA1030-1 Datasheet
260Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA1040-1 FPE-MA1040-1 Datasheet
279Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0420 FPE-MC0420 Datasheet
274Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0624 FPE-MC0624 Datasheet
251Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0640 FPE-MC0640 Datasheet
237Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0650 FPE-MC0650 Datasheet
290Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1050 FPE-MC1050 Datasheet
276Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1770 FPE-MC1770 Datasheet
252Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0630-1 FPE-MA0630-1 Datasheet
238Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com