Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

Part # US1A
Description  50V-100V 1.0A
File Size   569.87 Kbytes
Html View  1   2   3 
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

US1A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.



Similar Part No. - US1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1A PHILIPS-US1A Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1A SURGE-US1A Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1A TRSYS-US1A Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Similar Description - US1A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK17 MOSPEC-SK17 Datasheet
217Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
SR107 MOSPEC-SR107 Datasheet
214Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
SR17 MOSPEC-SR17 Datasheet
220Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Sanyo Semicon Device
SB10-05A2 SANYO-SB10-05A2 Datasheet
75Kb / 3P
50V, 1.0A Rectifier
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
Rohm
2SAR513P ROHM-2SAR513P Datasheet
429Kb / 8P
PNP -1.0A -50V Middle Power Transistor
2SAR513R ROHM-2SAR513R Datasheet
1Mb / 10P
PNP -1.0A -50V Middle Power Transistor
2SAR513RHZG ROHM-2SAR513RHZG Datasheet
1Mb / 9P
PNP -1.0A -50V Middle Power Transistor
20220329 - Rev.003
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com