Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-35N29WQ Datasheet (PDF) - Mallory Sonalert Products Inc

Part # PL-35N29WQ
Description  Resonant Frequency (Hz) 2900 ± 500
File Size   108.93 Kbytes
Html View  1 
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PL-35N29WQ Datasheet (PDF) - Mallory Sonalert Products Inc



Similar Part No. - PL-35N29WQ

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL-35N29EPQ DBLECTRO-PL-35N29EPQ Datasheet
284Kb / 1P
90 at 30cm at Rated Voltage
More results


Similar Description - PL-35N29WQ

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-40504N-L152 CUI-CMS-40504N-L152 Datasheet
443Kb / 4P
500 Hz resonant frequency
CMS-40558N-L152 CUI-CMS-40558N-L152 Datasheet
551Kb / 4P
500 Hz resonant frequency
logo
Mallory Sonalert Produc...
PT-3529PQ MSPI-PT-3529PQ Datasheet
98Kb / 1P
Resonant Frequency (Hz) 2900 짹 500
PT-3529WQ MSPI-PT-3529WQ Datasheet
85Kb / 1P
Resonant Frequency (Hz) 2900 짹 500
PF-35A29WQ MSPI-PF-35A29WQ Datasheet
97Kb / 1P
Oscillation Frequency (Hz) 2900 ±500
PF-35N29WQ MSPI-PF-35N29WQ Datasheet
94Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PFD-35A29WQ MSPI-PFD-35A29WQ Datasheet
100Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PFD-35N29WQ MSPI-PFD-35N29WQ Datasheet
182Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PK-35H29WQ MSPI-PK-35H29WQ Datasheet
103Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
PS-551D-220VQ MSPI-PS-551D-220VQ Datasheet
98Kb / 1P
Oscillation Frequency (Hz) 2900 ± 500
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com