Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1353 Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

Part # S1353
Description  300A Threaded Stud Type Screw Silicon Rectifier Diode for Excitation
File Size   515.85 Kbytes
Html View  1   2   3   4 
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

S1353 Datasheet (PDF) - Thinki Semiconductor Co., Ltd.



Similar Part No. - S1353

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1352 ETC-S1352 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
logo
Hamamatsu Corporation
S1352 HAMAMATSU-S1352 Datasheet
332Kb / 4P
One-dimensional PSD 3 to 37 mm resistance length PSD for precision distance measurement
logo
Thinki Semiconductor Co...
S1356 THINKISEMI-S1356 Datasheet
515Kb / 4P
THINKI 300A Threaded Stud Type Screw Silicon Rectifier Diode for Exciter
Rev.14T
S1357 THINKISEMI-S1357 Datasheet
515Kb / 4P
THINKI 300A Threaded Stud Type Screw Silicon Rectifier Diode for Exciter
Rev.14T
More results


Similar Description - S1353

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
300DR04BM NELLSEMI-300DR04BM Datasheet
3Mb / 7P
Standard Recovery Diodes Stud Version, 300A
logo
Naina Semiconductor ltd...
MBR30020CT NAINA-MBR30020CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 300A
MBR30045CT NAINA-MBR30045CT Datasheet
137Kb / 2P
Silicon Schottky Diode, 300A
300-NSR NAINA-300-NSR Datasheet
203Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type), 300A
logo
Thinki Semiconductor Co...
GB488U THINKISEMI-GB488U Datasheet
1Mb / 4P
300A Stud Type Device Series-Standard Rectifier Diodes
logo
Schurter Inc.
T13-212 SCHURTER-T13-212 Datasheet
383Kb / 6P
Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
logo
Naina Semiconductor ltd...
300NS NAINA-300NS_17 Datasheet
661Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type), 300A
logo
Thinki Semiconductor Co...
GB488U THINKISEMI-GB488U_16 Datasheet
1Mb / 4P
300A Stud Type Device Series-Standard Rectifier Diodes
logo
MacMic
MMD300S160U MACMIC-MMD300S160U Datasheet
198Kb / 3P
300A Rectifier Diode Module
logo
Schurter Inc.
T13-212 SCHURTER-T13-212_V01 Datasheet
432Kb / 7P
Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Screw terminals
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com