| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
8536SEO1V02H30S
|
131Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Jun 30, 2022 |
|
8536SEO1V06H30
|
158Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Jul 4, 2022 |
|
8536SEO1V01H30S
|
130Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 24 VAC coil, open
Jul 13, 2022 |
|
8536SEO1V08H30
|
140Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 208 VAC coil, open
Jul 13, 2022 |
|
8536SFO1V08H30
|
102Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 4, 135A, 100 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 208 VAC coil, open
Jul 20, 2022 |
|
8536SHO2V02H30S
|
119Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Jul 13, 2022 |
|
8536SEO1V02H31SX21
|
144Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Aug 11, 2022 |
|
8536SHO2V02SX22
|
117Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, meltingalloy, 120 VAC coil, open
Aug 23, 2022 |
|
8536SHO2V03H30
|
118Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 240 VAC coil, open
Aug 23, 2022 |
|
8536SHO2V06H30
|
119Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Aug 23, 2022 |
|