Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1505DNH Datasheet (PDF) - Belden Inc.

Part # 1505DNH
Description  1505DNH - 75 Ohm SDI Coax, RG-59, 20 AWG Solid BC, Tri-Shield, LSZH-C Jkt
File Size   147.58 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1505DNH Datasheet (PDF) - Belden Inc.



Similar Part No. - 1505DNH

ManufacturerPart #DatasheetDescription
logo
Make-Ps
1505D12 MAKE-PS-1505D12 Datasheet
212Kb / 6P
Single, Dual, Triple Output DC/DC Converter
1505D20UR MAKE-PS-1505D20UR Datasheet
174Kb / 4P
Single & Dual Output DC/DC Converter
1505D24 MAKE-PS-1505D24 Datasheet
212Kb / 6P
Single, Dual, Triple Output DC/DC Converter
1505D24UFR MAKE-PS-1505D24UFR Datasheet
356Kb / 4P
Single & Dual Output DC/DC Converter
1505D36UR MAKE-PS-1505D36UR Datasheet
174Kb / 4P
Single & Dual Output DC/DC Converter
More results


Similar Description - 1505DNH

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6702A POMONA-6702A Datasheet
51Kb / 2P
HDTV, 75 Ohm BNC Connector for RG-59/U
6704A POMONA-6704A Datasheet
51Kb / 2P
HDTV, 75 Ohm BNC Connector for RG-59/U
logo
Belden Inc.
4505R BELDEN-4505R Datasheet
242Kb / 4P
12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
4694R BELDEN-4694R Datasheet
243Kb / 4P
12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4855P BELDEN-4855P Datasheet
113Kb / 3P
12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
4855R BELDEN-4855R Datasheet
244Kb / 4P
12 GHz Coax, 4K UHD Precision Video Cable, RG-59 Mini, 75 Ohm, 23 AWG Solid, CMR
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com