Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9240 Datasheet (PDF) - Belden Inc.

Part # 9240
Description  Analog Video, RG59, #20 Solid BCCS, 80% BC Braid, PVC Jacket
File Size   162.05 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9240 Datasheet (PDF) - Belden Inc.



Similar Part No. - 9240

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
9240000010 MEDER-9240000010 Datasheet
177Kb / 3P
Reed sensor
9240000011 MEDER-9240000011 Datasheet
177Kb / 3P
Reed sensor
9240000012 MEDER-9240000012 Datasheet
177Kb / 3P
Reed sensor
9240000013 MEDER-9240000013 Datasheet
177Kb / 3P
Reed sensor
9240000014 MEDER-9240000014 Datasheet
177Kb / 3P
Reed sensor
More results


Similar Description - 9240

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
2C 22 SOLID BC SR-PVC PVC
10/29/2007
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
C118011 GENERAL-C118011 Datasheet
33Kb / 1P
1C 9.5 SOLID BCCS PE FILAMENT AIRCORE OAS PVC
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
70033 BELDEN-70033 Datasheet
187Kb / 2P
AUDIO ANALOG 8 PAIR 26AWG, BRAID PVC
12-19-2022
70036 BELDEN-70036 Datasheet
185Kb / 2P
AUDIO ANALOG 24 PAIR 26AWG, BRAID PVC
12-19-2022
70037 BELDEN-70037 Datasheet
186Kb / 2P
AUDIO ANALOG 40 PAIR 26AWG, BRAID PVC
11-09-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com