Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82240 Datasheet (PDF) - Belden Inc.

Part # 82240
Description  50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 95% TC Braid, Flamarrest® Jkt, CMP
File Size   140.74 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

82240 Datasheet (PDF) - Belden Inc.



Similar Part No. - 82240

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8224030 FIBOX-8224030 Datasheet
46Kb / 1P
Mounting Plate, for enclosures
26.07.2023
More results


Similar Description - 82240

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com