Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6440 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

Part # 6440
Description  Servo-assisted 2/2-way piston valve
File Size   1492.26 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6440 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG



Similar Part No. - 6440

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6440 POMONA-6440 Datasheet
19Kb / 1P
Nut, Hex 8-32
logo
Hubbell Incorporated.
6440 HUBBELL-6440 Datasheet
365Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1in X 10ft Ovaleye
logo
Cooper Bussmann, Inc.
64400 COOPER-64400 Datasheet
44Kb / 1P
Welder Limiters Class H and J Fuseholders
logo
Presto International UK...
64400 PRESTO-64400 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Theben AG
6440100 THEBEN-6440100 Datasheet
851Kb / 3P
Time and light control Digital time switches
07/04/2025
More results


Similar Description - 6440

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1025 IPP-IPP-1025 Datasheet
64Kb / 1P
OUTLINE 2 WAY
IPP-1092 IPP-IPP-1092 Datasheet
76Kb / 1P
OUTLINE 2 WAY
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com