Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17-400223 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

Part # 17-400223
Description  HIGH POWER CONTACT FEMALE CRIMP VERSION 20A FOR AWG 12-14
File Size   95.33 Kbytes
Html View  1 
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-400223 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH



Similar Part No. - 17-400223

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-400200 CONEC-17-400200 Datasheet
225Kb / 1P
Protective Cover for IP67 Duplex Power 3pos Female Cable Assembly
04.10.13
17-400210 CONEC-17-400210 Datasheet
225Kb / 1P
Protective Cover for IP67 Duplex Power 2pos Female Cable Assembly
04.10.13
17-400233 CONEC-17-400233 Datasheet
91Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 20A FOR AWG 12-14
13.12.13
17-400243 CONEC-17-400243 Datasheet
104Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION 30A FOR AWG 10-12
13.12.13
17-400253 CONEC-17-400253 Datasheet
98Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 30A FOR AWG 10-12
13.12.13
More results


Similar Description - 17-400223

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-5400 MOLEX11-63819-5400 Datasheet
38Kb / 1P
Hand Crimp Tool for 10, 12, 14 AWG Power Contact Terminals
63819-5600 MOLEX11-63819-5600 Datasheet
38Kb / 1P
Hand Crimp Tool for 8-12 AWG Female Power Contact Terminals
0638195400 MOLEX-0638195400 Datasheet
41Kb / 2P
Hand Crimp Tool for 10, 12, 14 AWG Power Contact Terminals
11/02/2021
logo
CONEC Elektronische Bau...
131C11129X CONEC-131C11129X Datasheet
181Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 20A / AWG 12-14 PREMATING D-SUB COMBINATION
10.06.10
131C36009X CONEC-131C36009X Datasheet
59Kb / 1P
HIGH POWER CONTACT MALE CRIMP Screw Termination for AWG 14, 20A D-SUB COMBINATION
08.03.2002
131C36109X CONEC-131C36109X Datasheet
74Kb / 1P
HIGH POWER CONTACT MALE CRIMP Screw Termination for AWG 14, 20A PREMATING CONTACT / D-SUB COMBINATION
01.12.2009
132A11029X CONEC-132A11029X Datasheet
206Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION 20A D-SUB COMBINATION
26.07.06
132A16029X CONEC-132A16029X Datasheet
115Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP / SOLDER VERSION 90° - 20A D-SUB COMBINATION
10.12.09
132C16029X CONEC-132C16029X Datasheet
76Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP / SOLDER VERSION 90º - 20A D-SUB COMBINATION
26.07.2002
132C36009X CONEC-132C36009X Datasheet
44Kb / 1P
HIGH POWER CONTACT FEMALE Screw Termination for AWG 14, 20A D-SUB COMBINATION
01.07.2002
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com