Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17-400243 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

Part # 17-400243
Description  HIGH POWER CONTACT FEMALE CRIMP VERSION 30A FOR AWG 10-12
File Size   104.25 Kbytes
Html View  1 
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-400243 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH



Similar Part No. - 17-400243

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-400200 CONEC-17-400200 Datasheet
225Kb / 1P
Protective Cover for IP67 Duplex Power 3pos Female Cable Assembly
04.10.13
17-400210 CONEC-17-400210 Datasheet
225Kb / 1P
Protective Cover for IP67 Duplex Power 2pos Female Cable Assembly
04.10.13
17-400223 CONEC-17-400223 Datasheet
95Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION 20A FOR AWG 12-14
13.12.2013
17-400233 CONEC-17-400233 Datasheet
91Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 20A FOR AWG 12-14
13.12.13
17-400253 CONEC-17-400253 Datasheet
98Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 30A FOR AWG 10-12
13.12.13
More results


Similar Description - 17-400243

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-5600 MOLEX11-63819-5600 Datasheet
38Kb / 1P
Hand Crimp Tool for 8-12 AWG Female Power Contact Terminals
0638195600 MOLEX-0638195600 Datasheet
39Kb / 2P
Hand Crimp Tool for 8-12 AWG Female Power Contact Terminals
11/02/2021
logo
CONEC Elektronische Bau...
131A11039X CONEC-131A11039X Datasheet
151Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 30A FOR AWG 10-12 D-SUB COMBINATION
12.07.12
131J11039X CONEC-131J11039X Datasheet
151Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 30A FOR AWG 10-12 D-SUB COMBINATION
12.07.12
132A10039X CONEC-132A10039X Datasheet
158Kb / 1P
HIGH POWER CONTACT FEMALE SOLDER CUP 30A FOR AWG 10-12 D-SUB COMBINATION
31.03.16
132A11039X CONEC-132A11039X Datasheet
165Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION 30A D-SUB COMBINATION
23.03.98
132A11049X CONEC-132A11049X Datasheet
168Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION AWG 8-10 D-SUB COMBINATION
23.03.98
132A16039X CONEC-132A16039X Datasheet
110Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP / SOLDER VERSION 90° - 30A D-SUB COMBINATION
02.08.10
132C16039X CONEC-132C16039X Datasheet
49Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP / SOLDER VERSION 90º - 30A D-SUB COMBINATION
26.07.2002
132J11049X CONEC-132J11049X Datasheet
168Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION AWG 8-10 D-SUB COMBINATION
23.03.98
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com