Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17-400253 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

Part # 17-400253
Description  HIGH POWER CONTACT MALE CRIMP VERSION 30A FOR AWG 10-12
File Size   98.89 Kbytes
Html View  1 
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-400253 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH



Similar Part No. - 17-400253

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-400200 CONEC-17-400200 Datasheet
225Kb / 1P
Protective Cover for IP67 Duplex Power 3pos Female Cable Assembly
04.10.13
17-400210 CONEC-17-400210 Datasheet
225Kb / 1P
Protective Cover for IP67 Duplex Power 2pos Female Cable Assembly
04.10.13
17-400223 CONEC-17-400223 Datasheet
95Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION 20A FOR AWG 12-14
13.12.2013
17-400233 CONEC-17-400233 Datasheet
91Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 20A FOR AWG 12-14
13.12.13
17-400243 CONEC-17-400243 Datasheet
104Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION 30A FOR AWG 10-12
13.12.13
More results


Similar Description - 17-400253

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638195400 MOLEX-0638195400 Datasheet
41Kb / 2P
Hand Crimp Tool for 10, 12, 14 AWG Power Contact Terminals
11/02/2021
logo
CONEC Elektronische Bau...
131A11039X CONEC-131A11039X Datasheet
151Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 30A FOR AWG 10-12 D-SUB COMBINATION
12.07.12
131A11049X CONEC-131A11049X Datasheet
156Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION AWG 8-10 D-SUB COMBINATION
23.03.98
131A16039X CONEC-131A16039X Datasheet
95Kb / 1P
HIGH POWER CONTACT MALE CRIMP / SOLDER VERSION 90° - 30A D-SUB COMBINATION
03.08.10
131C10139X CONEC-131C10139X Datasheet
126Kb / 1P
HIGH POWER CONTACT MALE SOLDER CUP 30A FOR AWG 10-12; d=3,5mm D-SUB COMBINATION
03.01.11
131C11129X CONEC-131C11129X Datasheet
181Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 20A / AWG 12-14 PREMATING D-SUB COMBINATION
10.06.10
131C11139X CONEC-131C11139X Datasheet
186Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 30A D-SUB COMBINATION
10.11.14
131C16039X CONEC-131C16039X Datasheet
49Kb / 1P
HIGH POWER CONTACT MALE CRIMP / SOLDER VERSION 90º - 30A D-SUB COMBINATION
26.07.2002
131J11039X CONEC-131J11039X Datasheet
151Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 30A FOR AWG 10-12 D-SUB COMBINATION
12.07.12
132A10039X CONEC-132A10039X Datasheet
158Kb / 1P
HIGH POWER CONTACT FEMALE SOLDER CUP 30A FOR AWG 10-12 D-SUB COMBINATION
31.03.16
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com