Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA03P3MB Datasheet (PDF) - ML Accessories Limited. All rights reserved.

Part # BA03P3MB
Description   230V IP44 GU10 Triple Spotlight - Matt Black
File Size   217.56 Kbytes
Html View  1 
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

BA03P3MB Datasheet (PDF) - ML Accessories Limited. All rights reserved.



Similar Part No. - BA03P3MB

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
BA03P3MW KNIGHTSBRIDGE-BA03P3MW Datasheet
182Kb / 1P
230V IP44 GU10 Triple Spotlight - Matt White
03/05/2024
More results


Similar Description - BA03P3MB

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
Silicon PNP triple diffusion planar transistor -15A/-230V/150W
TTC5200 NELLSEMI-TTC5200 Datasheet
256Kb / 3P
Silicon NPN triple diffusion planar transistor 15A/230V/150W
logo
BetLux Electronics
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
Spot Lamp Series GU10
REV NO: V. 1
logo
Adam Technologies, Inc.
1CTA-MT-R ADAM-TECH-1CTA-MT-R Datasheet
71Kb / 1P
MATT TIN PLATED
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
Ledil, Inc.
CN17052 LEDIL-CN17052 Datasheet
5Mb / 4P
~80째 wide beam. 7X1 variant in matt black.
CN17053 LEDIL-CN17053 Datasheet
5Mb / 4P
~50째 beam. 7X1 variant in matt black.
CN17176 LEDIL-CN17176 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt black.
logo
HARTING Technology Grou...
19-30-810-1421 HARTING-19-30-810-1421 Datasheet
439Kb / 2P
Han 10B-HTE-LC-M25-DL- matt black
2021-10-01
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com