Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMGM0002 Datasheet (PDF) - Tyco Electronics

Part # MAAMGM0002
Description  Amplifier, Distributed, 0.1W 1.0-18.0 GHz
File Size   185.55 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMGM0002 Datasheet (PDF) - Tyco Electronics



Similar Part No. - MAAMGM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMGM0002 MACOM-MAAMGM0002 Datasheet
262Kb / 5P
Amplifier, Distributed, 0.1W 1.0-18.0 GHz
More results


Similar Description - MAAMGM0002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
logo
Tyco Electronics
MAAMGM0002 MACOM-MAAMGM0002 Datasheet
262Kb / 5P
Amplifier, Distributed, 0.1W 1.0-18.0 GHz
MAAMGM0003-DIE MACOM-MAAMGM0003-DIE Datasheet
269Kb / 7P
0.4W Variable Distributed Amplifier 1.0 - 15.0 GHz
MAAMGM0007-DIE MACOM-MAAMGM0007-DIE Datasheet
319Kb / 6P
2.0-18.0 GHz Distributed Amp/Gain Block
MAAPGM0052-DIE MACOM-MAAPGM0052-DIE Datasheet
335Kb / 6P
Amplifier, Distributed Power 4.0-18.0 GHz
MAAPGM0053-DIE MACOM-MAAPGM0053-DIE Datasheet
339Kb / 5P
Amplifier, Distributed Power, 0.5 W 2.0-18.0 GHz
logo
Mimix Broadband
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
logo
Custom MMIC Design Serv...
CMD241P4 MMIC-CMD241P4 Datasheet
269Kb / 10P
2-22 GHz Distributed Amplifier
CMD242K4 MMIC-CMD242K4 Datasheet
300Kb / 13P
DC-40 GHz Distributed Amplifier
logo
Qorvo, Inc
CMD240P4 QORVO-CMD240P4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com