Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDAA20LS4K100 Datasheet (PDF) - Infinite Electronics International, Inc.

Part # HDAA20LS4K100
Description  HDMI 2.0 Active Optical Cable, With Locking Screws, 4K
File Size   161.31 Kbytes
Html View  1 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDAA20LS4K100 Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - HDAA20LS4K100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDAA20LS4K070 L-COM-HDAA20LS4K070 Datasheet
161Kb / 1P
HDMI 2.0 Active Optical Cable, With Locking Screws, 4K
06/22/2023
HDAA20LS4K080 L-COM-HDAA20LS4K080 Datasheet
161Kb / 1P
HDMI 2.0 Active Optical Cable, With Locking Screws, 4K
06/22/2023
HDAA20LS4K090 L-COM-HDAA20LS4K090 Datasheet
161Kb / 1P
HDMI 2.0 Active Optical Cable, With Locking Screws, 4K
06/22/2023
More results


Similar Description - HDAA20LS4K100

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P582-003-HD-V2A TRIPPLITE-P582-003-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 3 ft.
P582-006-HD-V2A TRIPPLITE-P582-006-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 6 ft.
P582-010-4K6AE TRIPPLITE-P582-010-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 10 ft., Black
P582-010-HD-V2A TRIPPLITE-P582-010-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 10 ft.
P582-012-HD-V2A TRIPPLITE-P582-012-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 12 ft.
P582-015-HD-V2A TRIPPLITE-P582-015-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 15 ft.
logo
IOGEAR
GHDAOC30 IOGEAR-GHDAOC30 Datasheet
146Kb / 2P
10K HDMI Active Optical Cable 100 ft.
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com