Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25450/12 Datasheet (PDF) - Alpha Wire

Part # 25450/12
Description  14 (41/30) AWG Tinned Copper
File Size   395.26 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25450/12 Datasheet (PDF) - Alpha Wire



Similar Part No. - 25450/12

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25450/15 ALPHAWIRE-25450/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25450/15 ALPHAWIRE-25450/15 Datasheet
395Kb / 4P
14 (41/30) AWG Tinned Copper
More results


Similar Description - 25450/12

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1682714 ETC2-1682714 Datasheet
104Kb / 3P
14 AWG stranded (41x30) tinned copper conductor, PPO insulation
8916 ETC2-8916 Datasheet
99Kb / 2P
14 AWG stranded (41x30) tinned copper conductor, PVC insulation
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com