Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB30FIM40R Datasheet (PDF) - Carlo Gavazzi Holding AG

Part # PB30FIM40R
Description  Push Button, Switch, Buzzer and LED Pilot Light
File Size   1538.77 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PB30FIM40R Datasheet (PDF) - Carlo Gavazzi Holding AG



Similar Part No. - PB30FIM40R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PB300 E-SWITCH-PB300 Datasheet
1Mb / 3P
Series Pushbutton Switch
logo
Vishay Siliconix
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
99Kb / 6P
Enhanced isoCinkTM Bridge Rectifiers
26-Jun-13
PB3006 VISHAY-PB3006 Datasheet
127Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
25-Mar-2021
PB3006-E3/45 VISHAY-PB3006-E3/45 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
More results


Similar Description - PB30FIM40R

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB024A05BR CWIND-GPB024A05BR Datasheet
613Kb / 1P
PUSH BUTTON SWITCH
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
GPB527A202BB CWIND-GPB527A202BB Datasheet
456Kb / 1P
PUSH BUTTON SWITCH
GPB527B2L02BR1 CWIND-GPB527B2L02BR1 Datasheet
463Kb / 1P
PUSH BUTTON SWITCH
GPB527B202BB CWIND-GPB527B202BB Datasheet
446Kb / 1P
PUSH BUTTON SWITCH
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
Schneider Electric
XB6DV3BB SCHNEIDER-XB6DV3BB Datasheet
118Kb / 5P
16mm push button, Harmony XB6, pilot light, rectangular green lens, integral 12/24V LED light module
Sep 13, 2021
9001KP1 SCHNEIDER-9001KP1 Datasheet
132Kb / 2P
30mm Push Button, Type K, pilot light, transformer, 120 VAC
Dec 6, 2021
9001KP7LYY9 SCHNEIDER-9001KP7LYY9 Datasheet
134Kb / 2P
횠30 pilot light push button 20 - 30 V with spring return
Dec 6, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com