Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40BR500LF Datasheet (PDF) - Bi technologies

Part # 40BR500LF
Description  6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
File Size   188.06 Kbytes
Html View  1   2   3 
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

40BR500LF Datasheet (PDF) - Bi technologies



Similar Part No. - 40BR500LF

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
40B10 IVO-40B10 Datasheet
359Kb / 4P
Solid shaft 11 mm with EURO flange
40B10Y1 IVO-40B10Y1 Datasheet
371Kb / 4P
Solid shaft 첩11 mm with EURO flange
40B10Y18 IVO-40B10Y18 Datasheet
381Kb / 4P
Blind hollow shaft 10 mm with EURO flange
40B10Y4 IVO-40B10Y4 Datasheet
371Kb / 4P
Solid shaft 11 mm with EURO flange
40B10Y5 IVO-40B10Y5 Datasheet
346Kb / 4P
Solid shaft 11 mm with EURO flange
More results


Similar Description - 40BR500LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
DB Lectro Inc
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3323U DBLECTRO-3323U Datasheet
196Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
logo
Bi technologies
35WR10KLFTR BITECH-35WR10KLFTR Datasheet
121Kb / 3P
3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer
36WR10KLF BITECH-36WR10KLF Datasheet
280Kb / 3P
6 MM SINGLE-TURN Open Frame Cermet Trimming Potentiometer
37PR10KLF BITECH-37PR10KLF Datasheet
163Kb / 3P
9 mm Single-Turn Open Frame Cermet Trimming Potentiometer
38WLABR100KLF30 BITECH-38WLABR100KLF30 Datasheet
208Kb / 3P
10 mm Single-Turn Trimmer Dust Proof Carbon Element Low TCR RoHS Compliant
39WLABR100KLF30 BITECH-39WLABR100KLF30 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
43WR10KLFXX BITECH-43WR10KLFXX Datasheet
151Kb / 3P
3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant
logo
Bourns Electronic Solut...
3316 BOURNS-3316 Datasheet
277Kb / 1P
6MM ROUND/SINGLE-TURN/CARBON COMMERCIAL/OPEN FRAME
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com