Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25470-20 Datasheet (PDF) - Alpha Wire

Part # 25470-20
Description  20 (7/28) AWG Tinned Copper
File Size   395.76 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25470-20 Datasheet (PDF) - Alpha Wire



Similar Part No. - 25470-20

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25470 ALPHAWIRE-25470 Datasheet
93Kb / 4P
Customer Specification
1/10/2023
25470/15 ALPHAWIRE-25470/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25470/25 ALPHAWIRE-25470/25 Datasheet
93Kb / 4P
Customer Specification
1/5/2023
25470/30 ALPHAWIRE-25470/30 Datasheet
93Kb / 5P
Customer Specification
1/10/2023
25470/40 ALPHAWIRE-25470/40 Datasheet
94Kb / 5P
Customer Specification
1/10/2023
More results


Similar Description - 25470-20

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
1348422 ETC2-1348422 Datasheet
98Kb / 3P
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
logo
Alpha Wire
9853C ALPHAWIRE-9853C Datasheet
35Kb / 3P
Transceiver drop cable, consisting of 3 pairs 20 AWG (7/28) tinned copper conductors,
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com