Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86162CY Datasheet (PDF) - Alpha Wire

Part # 86162CY
Description  16 (65/34) AWG Tinned Copper
File Size   411.7 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

86162CY Datasheet (PDF) - Alpha Wire



Similar Part No. - 86162CY

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8616 FILTRAN-8616 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8616 ETC2-8616 Datasheet
5Mb / 7P
Voltage range up to 500 V
logo
API Technologies Corp
8616 APITECH-8616 Datasheet
1Mb / 2P
Data Communication Circuits
logo
B&K Precision Corporati...
8616 BK-8616 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
logo
Keystone Electronics Co...
8616 KEYSTONE-8616 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results


Similar Description - 86162CY

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
C1804 GENERAL-C1804 Datasheet
60Kb / 1P
2C 16 AWG (65/34) OFHC BC PP, PVC COMMAND SERIES
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1344902 ETC2-1344902 Datasheet
98Kb / 3P
16 AWG stranded (19x29) tinned copper conductors, PVC insulation
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346630 ETC2-1346630 Datasheet
99Kb / 3P
16 AWG pairs stranded (19x29) tinned copper conductors
39116 ETC2-39116 Datasheet
100Kb / 2P
16 AWG stranded (26x30) tinned copper conductor, PPO insulation
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com