Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5024 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # X5024
Description  Nominal 5 x 2.4 mm blanks for 5x7mm ceramic SMD High Frequency Oscillators
File Size   376.14 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X5024 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - X5024

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
logo
NXP Semiconductors
X502 NXP-X502 Datasheet
144Kb / 6P
LPC-COM-Board
Rev. 10/2007 - 001
logo
Connor-Winfield Corpora...
X502-622.08M CONNOR-WINFIELD-X502-622.08M Datasheet
153Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
More results


Similar Description - X5024

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
logo
Vectron International, ...
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
VPC1 7.5 x 5 mm Crystal Oscillators
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
VPC1 7.5 x 5 mm Crystal Oscillators
logo
ILSI America LLC
I533 ILSI-I533 Datasheet
46Kb / 2P
3.2 mm x 5 mm Ceramic Package SMD TCXO
logo
HK TO-GRACE TECHNOLOGY ...
APBD3224LVBDSYKJ3C TO-GRACE-APBD3224LVBDSYKJ3C Datasheet
949Kb / 4P
3.2 x 2.4 mm SMD Chip LED Lamp
APBD3224LSURKZGKC TO-GRACE-APBD3224LSURKZGKC Datasheet
949Kb / 4P
3.2 x 2.4 mm SMD Chip LED Lamp
APBD3224LQBDCGKC TO-GRACE-APBD3224LQBDCGKC Datasheet
958Kb / 4P
3.2 x 2.4 mm SMD Chip LED Lamp
KPD-3224CGCK TO-GRACE-KPD-3224CGCK Datasheet
935Kb / 4P
3.2 x 2.4 mm SMD Chip LED Lamp
KPD-3224QBC-D TO-GRACE-KPD-3224QBC-D Datasheet
935Kb / 4P
3.2 x 2.4 mm SMD Chip LED Lamp
logo
Transko Electronics, In...
TCFL0805CF TRANSKO-TCFL0805CF Datasheet
433Kb / 3P
Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)
Rev 1: 06-05-2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com