Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

521-9264 Datasheet (PDF) - Dialight Corporation

Part # 521-9264
Description  2.5mm x 7mm Discrete LED Rectangular Tinted
File Size   17.47 Kbytes
Html View  1 
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9264 Datasheet (PDF) - Dialight Corporation



Similar Part No. - 521-9264

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9210 DIALIGHT-521-9210 Datasheet
20Kb / 1P
3mm Discrete LED High Efficiency Diffused
521-9210 DIALIGHT-521-9210 Datasheet
73Kb / 9P
3mm LED CBI Circuit Board Indicator 200 High LED Centerline
521-9210 DIALIGHT-521-9210 Datasheet
61Kb / 8P
3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
521-9210 DIALIGHT-521-9210 Datasheet
70Kb / 9P
3mm LED CBI Circuit Board Indicator 120 High LED Centerline
521-9210 DIALIGHT-521-9210 Datasheet
79Kb / 10P
3mm LED CBI Circuit Board Indicator Bi-level
More results


Similar Description - 521-9264

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSA-LXB07SIW LUMEX-SSA-LXB07SIW Datasheet
57Kb / 1P
2.5mm X 7mm Rectangular Cob Array
SSA-LXB1027-3I7GD LUMEX-SSA-LXB1027-3I7GD Datasheet
60Kb / 1P
LED Array 10 Unit 2.5mm X 7mm Rectangular Leds
SSA-LXB1027SRD LUMEX-SSA-LXB1027SRD Datasheet
81Kb / 1P
LED ARRAY, 10 Unit 2.5mm X 7mm Rectangular LEDS
SSA-LXB1027SUGD LUMEX-SSA-LXB1027SUGD Datasheet
79Kb / 1P
LED ARRAY, 10 Unit 2.5mm X 7mm RECTANGULAR LEDS
SSA-LXB1027USBD LUMEX-SSA-LXB1027USBD Datasheet
82Kb / 1P
LED ARRAY, 10 Unit 2.5mm X 7mm RECTANGULAR LEDS
SSF-LXH25780HGW LUMEX-SSF-LXH25780HGW Datasheet
47Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780ID LUMEX-SSF-LXH25780ID Datasheet
46Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780IGW LUMEX-SSF-LXH25780IGW Datasheet
49Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780SRD LUMEX-SSF-LXH25780SRD Datasheet
45Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780YD LUMEX-SSF-LXH25780YD Datasheet
63Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com