Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDR-83 Datasheet (PDF) - Power Integrations, Inc.

Part # RDR-83
Description  Reference Design Report for 1.6 W, Linear Replacement Adapter with 10 kV surge withstand
File Size   1575.13 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RDR-83 Datasheet (PDF) - Power Integrations, Inc.



Similar Part No. - RDR-83

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
RDR-1 TURCK-RDR-1 Datasheet
80Kb / 1P
For Draw-wire Sensors
11/07/2023
logo
Power Integrations, Inc...
RDR-131 POWERINT-RDR-131 Datasheet
459Kb / 24P
Reference Design Report for 3 W Non- Isolated Constant Current LED Driver Using LNK306DN
More results


Similar Description - RDR-83

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MJS100 BEL-MJS100 Datasheet
89Kb / 2P
Lightning Surge Withstand Fuse
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
Reference Design for the
logo
Power Integrations, Inc...
DI-119 POWERINT-DI-119 Datasheet
536Kb / 2P
Cordless Phone Linear Adapter Replacement with 10 kV Surge Withstand
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-89 POWERINT-EPR-89 Datasheet
1Mb / 32P
Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
RDR-131 POWERINT-RDR-131 Datasheet
459Kb / 24P
Reference Design Report for 3 W Non- Isolated Constant Current LED Driver Using LNK306DN
logo
Cirrus Logic
CRD44600 CIRRUS-CRD44600 Datasheet
1Mb / 32P
Stereo 100 W PWM Amplifier Reference Design
logo
Winchester Electronics ...
1069-1 WINCHESTER-1069-1 Datasheet
232Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com