Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3221 Datasheet (PDF) - Alpha Wire

Part # 3221
Description  22 (19/34) AWG Tinned Copper
File Size   406.95 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3221 Datasheet (PDF) - Alpha Wire



Similar Part No. - 3221

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3221 POMONA-3221 Datasheet
29Kb / 1P
BNC (Female) To Stackable Pin Tip Plugs
logo
List of Unclassifed Man...
3221 ETC2-3221 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
3221 KEYSTONE-3221 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Amphenol SV Microwave
3221-4 SVMICROWAVE-3221-4 Datasheet
69Kb / 1P
SMPM FEMALE T-FLEX 405 CABLE FIT M38999 SIZE 12 INSERT
REV.B 06/08
logo
Amphenol Corporation
3221-4 AMPHENOL-3221-4 Datasheet
70Kb / 1P
SMPM FEMALE T-FLEX 405 CABLE FIT M38999 SIZE 12 INSERT
More results


Similar Description - 3221

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com