Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80002 Datasheet (PDF) - Alpha Wire

Part # 80002
Description  28 (19/40) AWG Tinned Copper
File Size   408.96 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

80002 Datasheet (PDF) - Alpha Wire



Similar Part No. - 80002

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8000208 FESTO-8000208 Datasheet
74Kb / 2P
Connecting cable
8000209 FESTO-8000209 Datasheet
97Kb / 2P
Connecting cable
7/19/22
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
More results


Similar Description - 80002

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C35194102 GENERAL-C35194102 Datasheet
78Kb / 3P
C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1348422 ETC2-1348422 Datasheet
98Kb / 3P
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com