Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55192 Datasheet (PDF) - Alpha Wire

Part # 55192
Description  22 (7/30) AWG Tinned Copper
File Size   409.08 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

55192 Datasheet (PDF) - Alpha Wire



Similar Part No. - 55192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5519 ETC-5519 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Alpha Wire
5519 ALPHAWIRE-5519 Datasheet
410Kb / 4P
20 (10/30) AWG Tinned Copper
logo
Adafruit Industries
5519 ADAFRUIT-5519 Datasheet
121Kb / 1P
Step Switch with LED - Three Pack of White with Red LED - PB86
8-18-22
logo
3M Electronics
5519 3M-5519 Datasheet
112Kb / 3P
3M™ Thermally Conductive Silicone Interface Pad 5519
October 2016
5519-10 3M-5519-10 Datasheet
112Kb / 3P
3M™ Thermally Conductive Silicone Interface Pad 5519
October 2016
More results


Similar Description - 55192

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
123109A BELDEN-123109A Datasheet
84Kb / 2P
FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com