Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT-EFEF-UB Datasheet (PDF) - Eravant

Part # SCT-EFEF-UB
Description  1.35 mm (F) to 1.35 mm (F) Coaxial Adapter
File Size   222.31 Kbytes
Html View  1   2 
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SCT-EFEF-UB Datasheet (PDF) - Eravant



Similar Part No. - SCT-EFEF-UB

ManufacturerPart #DatasheetDescription
logo
Eravant
SCT-EFEF-UB-B ERAVANT-SCT-EFEF-UB-B Datasheet
266Kb / 2P
1.35 mm (F) to 1.35 mm (F) Coaxial Adapter, Bulkhead
SCT-EFEF-UB-B-V ERAVANT-SCT-EFEF-UB-B-V Datasheet
486Kb / 3P
1.35 mm (F) to 1.35 mm (F) Hermetically Sealed Coaxial Adapter, Bulkhead
Rev 1.0
SCT-EFEF-UB-PM4 ERAVANT-SCT-EFEF-UB-PM4 Datasheet
280Kb / 2P
1.35 mm (F) to 1.35 mm (F) Coaxial Adapter, 4 Hole Panel Mount
More results


Similar Description - SCT-EFEF-UB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-156C ETC2-MS-156C Datasheet
757Kb / 10P
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
logo
Hirose Electric
MS-156C HIROSE-MS-156C_17 Datasheet
1Mb / 12P
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
logo
Mini-Circuits
185F-KF MINI-185F-KF Datasheet
193Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-F
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
185M-185F MINI-185M-185F Datasheet
182Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-F
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com