Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-222M-E1 Datasheet (PDF) - Eravant

Part # SWC-222M-E1
Description  Q-Band Waveguide to 2.4 mm Connector Adapter, End Launch
File Size   312.65 Kbytes
Html View  1   2 
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-222M-E1 Datasheet (PDF) - Eravant



Similar Part No. - SWC-222M-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-222M-E1-599 ERAVANT-SWC-222M-E1-599 Datasheet
348Kb / 3P
Q-Band Waveguide to 2.4mm Connector Adapter, End Launch, UG-599/U Flange
Rev 1.3
SWC-222M-E1-NAC ERAVANT-SWC-222M-E1-NAC Datasheet
334Kb / 3P
Q-Band Waveguide to 2.4 mm Connector Adapter, End Launch, Non Anti-Cocking
Rev. 1.0
SWC-222M-E1-V ERAVANT-SWC-222M-E1-V Datasheet
227Kb / 2P
Q-Band Waveguide to 2.4 mm Connector Adapter, End Launch, Thermal Vacuum Safe
Rev 1.0
More results


Similar Description - SWC-222M-E1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9846 PASTERNACK-PE9846 Datasheet
76Kb / 1P
WAVEGUIDE END LAUNCH TO SMA TYPE FEMALE FREQUENCY RANGE: 12,40 TO 18,00
PE9847 PASTERNACK-PE9847 Datasheet
74Kb / 1P
WAVEGUIDE END LAUNCH TO SMA FEMALE FREQUENCY RANGE:10,0~15,0 GHz
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
PE9866 PASTERNACK-PE9866 Datasheet
77Kb / 1P
WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE:12,40 TO 18,00 GHz
PE9867 PASTERNACK-PE9867 Datasheet
75Kb / 1P
WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE: 10,00~15,00 GHz
PE9869 PASTERNACK-PE9869 Datasheet
78Kb / 1P
WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE 7:00 TO 11:00GH
logo
Mini-Circuits
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com