Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-282F-E1 Datasheet (PDF) - Eravant

Part # SWC-282F-E1
Description  Ka-Band Waveguide to 2.4mm Connector Adapter, End Launch
File Size   312.59 Kbytes
Html View  1   2   3 
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-282F-E1 Datasheet (PDF) - Eravant



Similar Part No. - SWC-282F-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-282F-R1 ERAVANT-SWC-282F-R1 Datasheet
334Kb / 3P
Ka-Band Waveguide to 2.4mm Connector Adapter, Right Angle
Rev 1.3
More results


Similar Description - SWC-282F-E1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9846 PASTERNACK-PE9846 Datasheet
76Kb / 1P
WAVEGUIDE END LAUNCH TO SMA TYPE FEMALE FREQUENCY RANGE: 12,40 TO 18,00
PE9847 PASTERNACK-PE9847 Datasheet
74Kb / 1P
WAVEGUIDE END LAUNCH TO SMA FEMALE FREQUENCY RANGE:10,0~15,0 GHz
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
PE9866 PASTERNACK-PE9866 Datasheet
77Kb / 1P
WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE:12,40 TO 18,00 GHz
PE9867 PASTERNACK-PE9867 Datasheet
75Kb / 1P
WAVEGUIDE END LAUNCH TO N FEMALE FREQUENCY RANGE: 10,00~15,00 GHz
logo
Winchester Electronics ...
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
logo
Pasternack Enterprises,...
PE45401 PASTERNACK-PE45401 Datasheet
787Kb / 6P
2.4mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
logo
Amphenol Corporation
SF1621-600361 AMPHENOL-SF1621-600361 Datasheet
157Kb / 1P
2.4mm FEMALE EDGE LAUNCH CONNECTOR WITH .008 LAUNCH PIN
logo
Amphenol SV Microwave
SF1621-60036 SVMICROWAVE-SF1621-60036 Datasheet
241Kb / 1P
2.4mm FEMALE EDGE LAUNCH CONNECTOR WITH .008 LAUNCH PIN
REV.D 10/21
SF1621-60059 SVMICROWAVE-SF1621-60059 Datasheet
657Kb / 1P
2.4mm FEMALE EDGE LAUNCH CONNECTOR WITH .008 LAUNCH PIN
06/19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com