Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3P44D10 Datasheet (PDF) - Teledyne Technologies Incorporated

Part # S3P44D10
Description  Three-Phase Output to 10A 440 Vac Cage Clamp Connectors
File Size   74.13 Kbytes
Html View  1   2 
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

S3P44D10 Datasheet (PDF) - Teledyne Technologies Incorporated



Similar Part No. - S3P44D10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3P-VH ETC2-S3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
S3P-VH JST-S3P-VH Datasheet
173Kb / 4P
VH CONNECTOR 3.96mm pitch/Disconnectable Crimp style connectors
logo
Samsung semiconductor
S3P1860 SAMSUNG-S3P1860 Datasheet
331Kb / 91P
4-bit single-chip CMOS microcontroller
S3P7048 SAMSUNG-S3P7048 Datasheet
249Kb / 38P
The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3P70F4 SAMSUNG-S3P70F4 Datasheet
271Kb / 38P
The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
More results


Similar Description - S3P44D10

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
Three-Phase Output 25A 280 Vac DC control
logo
American Zettler, Inc.
SG-24F AZETTLER-SG-24F Datasheet
374Kb / 3P
THREE PHASE SOLID STATE RELAY 10 THRU 25 AMPS 36 TO 440 VRMS
logo
Powersem GmbH
PSD150F-12 POWERSEM-PSD150F-12 Datasheet
395Kb / 1P
Three Phase Three Phase
logo
Altech corporation
30.606 ALTECH-30.606 Datasheet
37Kb / 1P
Metric Pin Spacinga Screw-Cage Clamp
logo
PULS GmbH
CT10.241 PULS-CT10.241 Datasheet
703Kb / 22P
24V, 10A, THREE PHASE INPUT
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
Three-Phase Output to 25A 280 Vac
logo
Schneider Electric
2510KO2C SCHNEIDER-2510KO2C Datasheet
102Kb / 2P
Switch, manual, 30A, 3 pole, 10 HP at 575 VAC, three phase, toggle operated, red 440/600 VAC indicator, open style
Apr 30, 2021
logo
Teledyne Technologies I...
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com