Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-28KF-E2 Datasheet (PDF) - Eravant

Part # SAP-28KF-E2
Description  WR-28 Probe Antenna, 6.5 dBi Directivity with 2.92 mm Coax Input
File Size   354.68 Kbytes
Html View  1   2   3   4 
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-28KF-E2 Datasheet (PDF) - Eravant



Similar Part No. - SAP-28KF-E2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAP-22-R2 ERAVANT-SAP-22-R2 Datasheet
356Kb / 3P
WR-22 Probe Antenna
Rev 1.6
SAP-222F-E2 ERAVANT-SAP-222F-E2 Datasheet
349Kb / 4P
WR-22 Probe Antenna, 6.5 dBi Directivity with 2.4 mm Coax Input
Rev 1.2
SAP-222F-R2 ERAVANT-SAP-222F-R2 Datasheet
336Kb / 4P
WR-22 Probe Antenna, 6.5 dBi Directivity with 2.4 mm Coax Input
Rev 1.4
More results


Similar Description - SAP-28KF-E2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51059 PASTERNACK-PE51059 Datasheet
110Kb / 1P
Dome style Antenna 800-3000 MHz, 3-6.5 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51066 PASTERNACK-PE51066 Datasheet
392Kb / 1P
GPS Passive Antenna, 3.0 dBi
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
3.0 dBi ANTENNA
WAN10RSP HONEYWELL-WAN10RSP Datasheet
824Kb / 1P
5.0 dBi ANTENNA
logo
Level One
WAN-2185 LVL1-WAN-2185 Datasheet
221Kb / 3P
8.5 dBi Indoor/Outdoor Antenna
logo
Laird Tech Smart Techno...
R2T9-12 LSTD-R2T9-12 Datasheet
1Mb / 2P
Low Profile 12 dBi antenna gain
logo
Pulse A Technitrol Comp...
W3312 PULSE-W3312 Datasheet
656Kb / 12P
PCB Antenna with coax feed
W3312B0100 PULSE-W3312B0100 Datasheet
594Kb / 11P
PCB Antenna with coax feed
logo
Mini-Circuits
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com