Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

934852019 Datasheet (PDF) - Belden Inc.

Part # 934852019
Description  M12 Power Single-Ended Cordset: Male, angled, 5-pin(4PE), K-coded, blue body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
File Size   547.97 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

934852019 Datasheet (PDF) - Belden Inc.



Similar Part No. - 934852019

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
934852010 BELDEN-934852010 Datasheet
511Kb / 3P
M12 Power Single-Ended Cordset: Male, angled, 4-pin, T-coded, blue body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
934852011 BELDEN-934852011 Datasheet
511Kb / 3P
M12 Power Single-Ended Cordset: Male, angled, 4-pin, T-coded, blue body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
934852012 BELDEN-934852012 Datasheet
511Kb / 3P
M12 Power Single-Ended Cordset: Male, angled, 4-pin, T-coded, blue body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
More results


Similar Description - 934852019

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCR1511041C2 SCHNEIDER-XZCR1511041C2 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C5 SCHNEIDER-XZCR1511041C5 Datasheet
123Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 5m
Dec 7, 2020
XZCR1511064D1 SCHNEIDER-XZCR1511064D1 Datasheet
103Kb / 4P
jumper cable XZ - male straight M12 5-pin - female straight M12 5-pin - PUR 1m
Dec 7, 2020
XZCR1511064D2 SCHNEIDER-XZCR1511064D2 Datasheet
103Kb / 4P
jumper cable XZ - male straight M12 5-pin - female straight M12 5-pin - PUR 2m
Dec 7, 2020
XZCR1512041C1 SCHNEIDER-XZCR1512041C1 Datasheet
98Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 1m
Dec 7, 2020
XZCR1512064D1 SCHNEIDER-XZCR1512064D1 Datasheet
115Kb / 4P
jumper cable XZ - male straight M12 5-pin - female elbowed M12 5-pin - PUR 1m
Dec 7, 2020
XZCR1512064D2 SCHNEIDER-XZCR1512064D2 Datasheet
115Kb / 4P
jumper cable XZ - male straight M12 5-pin - female elbowed M12 5-pin - PUR 2m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com