| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
750-517
|
110Kb / 1P |
2-Channel Relay Output Module AC 230 V, DC 300 V
|
|
LC1D32P7
|
78Kb / 5P |
32 A - 230 V AC coil
|
 ZIEHL industrie-elektro... |
STWA1LH
|
451Kb / 2P |
AC-Electronic Current Transformer STWA1LH with output AC 230 V / 0,35 A
|
 Schneider Electric |
RPM23P7
|
201Kb / 6P |
Harmony, Power plug-in relay, 15 A, 2 CO, with LED, 230 V AC
Aug 5, 2021 |
|
RSL1PRPU
|
111Kb / 4P |
Harmony, Slim interface relay pre-assembled, 6 A, 1 CO, with LED, with protection circuit, spring terminals, 230 V AC/DC
Aug 9, 2021 |
|
RSL1PVPU
|
107Kb / 4P |
Harmony, Slim interface relay pre-assembled, 6 A, 1 CO, with LED, with protection circuit, screw connectors, 230 V AC/DC
Aug 9, 2021 |
 WAGO Kontakttechnik Gmb... |
750-612
|
457Kb / 11P |
Power Supply; 0 ??230 V AC/DC
|
|
753-612
|
383Kb / 11P |
Power Supply; 0 ~ 230 V AC/DC
|
 Schneider Electric |
TM5SDO2DTRFS
|
125Kb / 3P |
Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022 |
 ETA-USA |
EFY350SX
|
573Kb / 3P |
AC/DC SWITCHING POWER SUPPLY (AC FRONT END)
|