Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS-028 Datasheet (PDF) - AG Electronica

Part # TS-028
Description  PUSH MINI SMD 1.5MM 4 PINES
File Size   485.89 Kbytes
Html View  1   2 
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

TS-028 Datasheet (PDF) - AG Electronica



Similar Part No. - TS-028

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
TS-028 ADAM-TECH-TS-028 Datasheet
57Kb / 1P
THUMB SCREW
More results


Similar Description - TS-028

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB001PA06A1UB CWIND-GPB001PA06A1UB Datasheet
569Kb / 1P
MINI PUSH BUTTON
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
4.1 x 1.5mm SMD Watch Crystal
logo
Tyco Electronics
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
AMP MiNi CT Connector 1.5mm PITCH
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
logo
BetLux Electronics
BL-LS3210A0E1 BETLUX-BL-LS3210A0E1 Datasheet
547Kb / 6P
3.2mmx1.0mm SMD, 1.5mm THICKNESS
REV NO: V.2
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
logo
CUI INC
MPB01 CUI-MPB01 Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB04 CUI-MPB04 Datasheet
341Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
logo
Fox Electronics
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com