Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11269 Datasheet (PDF) - Belden Inc.

Part # 11269
Description  7/8" Power Receptacle Connector: Female, front mount, 4-pin, silver housing, 230 V AC/DC, 9 A, 0.50 mm²
File Size   375.72 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

11269 Datasheet (PDF) - Belden Inc.



Similar Part No. - 11269

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1126 3M-1126 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Videk Ltd
1126 VIDEK-1126 Datasheet
211Kb / 2P
Serial RS232 Cables Fully Moulded Universal RS232 25 D Type Cables
logo
CEE Norm UK Ltd
1126 CEENORM-1126 Datasheet
1Mb / 4P
Socket Outlets
logo
Molex Electronics Ltd.
1126-05 MOLEX11-1126-05 Datasheet
23Kb / 1P
J5800-001 INSERTION TOOL PRODUCT SPECIFICATION
1126-24 MOLEX11-1126-24 Datasheet
23Kb / 1P
JHTR5902 HAND CRIMP TOOL PRODUCT SPECIFICATION
More results


Similar Description - 11269

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
logo
Neutrik AG
NC7FD-L-1 NEUTRIK-NC7FD-L-1 Datasheet
68Kb / 3P
7 pole female receptacle, solder cups, Nickel housing, silver contacts
NC7FD-LX NEUTRIK-NC7FD-LX Datasheet
123Kb / 3P
7 pole female receptacle, solder cups, Nickel housing, silver contacts
NC7FP-1 NEUTRIK-NC7FP-1 Datasheet
95Kb / 3P
7 pole female receptacle, solder contacts, Nickel housing, silver contacts
logo
WAGO Kontakttechnik Gmb...
750-612 WAGO-750-612 Datasheet
457Kb / 11P
Power Supply; 0 ??230 V AC/DC
753-612 WAGO-753-612 Datasheet
383Kb / 11P
Power Supply; 0 ~ 230 V AC/DC
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com