Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STASEI5V0 Datasheet (PDF) - Belden Inc.

Part # STASEI5V0
Description  Rectangular Receptacle Power Connector (ST Series): Male, front mount with flange, 5-pinPE, grey housing, 400 V AC / 230 V DC, 10 A AC/6 A DC
File Size   457.98 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

STASEI5V0 Datasheet (PDF) - Belden Inc.



Similar Part No. - STASEI5V0

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
STASEI200V0 BELDEN-STASEI200V0 Datasheet
479Kb / 2P
Rectangular Receptacle Power Connector (ST Series): Male, front mount with flange with coding slot, 2-pinPE, grey housing, 230 V AC/DC, 16 A AC/6 A DC
More results


Similar Description - STASEI5V0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LC1K0610M7 NSC-LC1K0610M7 Datasheet
247Kb / 3P
TeSys K contactor - 3P(3 NO) - AC-3 - 440 V 6 A - 220...230 V AC coil
logo
List of Unclassifed Man...
LC1D32P7 ETC2-LC1D32P7 Datasheet
78Kb / 5P
32 A - 230 V AC coil
logo
ZIEHL industrie-elektro...
STWA1LH ZIEHL-STWA1LH Datasheet
451Kb / 2P
AC-Electronic Current Transformer STWA1LH with output AC 230 V / 0,35 A
logo
Schneider Electric
LC1F400P7 SCHNEIDER-LC1F400P7 Datasheet
145Kb / 8P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 400 A - coil 230 V AC
Apr 22, 2021
logo
WAGO Kontakttechnik Gmb...
750-612 WAGO-750-612 Datasheet
457Kb / 11P
Power Supply; 0 ??230 V AC/DC
753-612 WAGO-753-612 Datasheet
383Kb / 11P
Power Supply; 0 ~ 230 V AC/DC
logo
Vishay Siliconix
SIC464 VISHAY-SIC464_V01 Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
SIC466 VISHAY-SIC466 Datasheet
942Kb / 24P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
06-Dec-2021
logo
Advantech Co., Ltd.
BB-SMI6B-12-4-P5 ADVANTECH-BB-SMI6B-12-4-P5 Datasheet
586Kb / 2P
AC-DC Power Supply 6W, 12 V, 0.5 A
logo
Siemens Semiconductor G...
6EP1336-3BA10 SIEMENS-6EP1336-3BA10 Datasheet
136Kb / 4P
SITOP PSU8200 20A STABILIZED POWER SUPPLY INPUT: 120- 230 V AC 110-220 V DC OUTPUT: 24 V/20 A DC
30.01.2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com