Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS30-01 Datasheet (PDF) - Belden Inc.

Part # RS30-01
Description  7/8" Power Single-Ended Cordset: Male, straight, 3-pin(2PE), orange body, 230 V AC/DC, 12 A; PVC orange cable, 0.75 mm²
File Size   346.35 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RS30-01 Datasheet (PDF) - Belden Inc.



Similar Part No. - RS30-01

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS3000 MCC-RS3000 Datasheet
70Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
RS3000 MCC-RS3000 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
RS3000 MCC-RS3000_11 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
logo
ALPS ELECTRIC CO.,LTD.
RS3011114A02 ALPS-RS3011114A02 Datasheet
281Kb / 9P
Standard Type竊늆uper SlideTM)
RS3011114A02 ALPS-RS3011114A02 Datasheet
1Mb / 11P
Solderable with auto dipping and available in a wide variety
More results


Similar Description - RS30-01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVR13M05L SCHNEIDER-XVR13M05L Datasheet
158Kb / 4P
Harmony XVR, Rotating beacon, 횠130, orange, without buzzer, 230 V AC
May 24, 2021
XVR12J05S SCHNEIDER-XVR12J05S Datasheet
140Kb / 4P
Rotating beacon, 120 mm, orange, with buzzer 50??0 dB, 12 V AC DC
May 24, 2021
XVR12J05 SCHNEIDER-XVR12J05 Datasheet
139Kb / 4P
Prewired rotating mirror beacon, Harmony XVR 120 mm, orange, without buzzer, 12 V AC DC
May 24, 2021
XVR10J05 SCHNEIDER-XVR10J05 Datasheet
149Kb / 4P
Rotating beacon, 106 mm, orange, without buzzer, 12 V AC DC
May 24, 2021
XVR08J05 SCHNEIDER-XVR08J05 Datasheet
136Kb / 4P
Prewired rotating mirror beacon, Harmony XVR, 84 mm, orange, without buzzer, 12 V AC DC
May 24, 2021
ZB4BVJ5 SCHNEIDER-ZB4BVJ5 Datasheet
155Kb / 5P
Harmony XB4, Light block with body/fixing collar, metal, orange, integral LED, 12 V AC/DC
Oct 25, 2021
ZB4BVM5 SCHNEIDER-ZB4BVM5 Datasheet
155Kb / 5P
Harmony XB4, Light block with body/fixing collar, metal, orange, integral LED, 230??40 V AC
Oct 25, 2021
logo
Molex Electronics Ltd.
1300060542 MOLEX-1300060542 Datasheet
37Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 3.66m (12.0) Length
04/03/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com