Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68PLCC-SM Datasheet (PDF) - AG Electronica

Part # 68PLCC-SM
Description  BASE CI 68 PINS PLCC MONTAJE SUPERF
File Size   205.83 Kbytes
Html View  1 
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

68PLCC-SM Datasheet (PDF) - AG Electronica



Similar Part No. - 68PLCC-SM

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
68P GRAYHILL-68P Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
68PARN-020C GRAYHILL-68PARN-020C Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
68PARN-020P GRAYHILL-68PARN-020P Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
68PARN-020S GRAYHILL-68PARN-020S Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
68PARN-060C GRAYHILL-68PARN-060C Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
More results


Similar Description - 68PLCC-SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S894-10-068-00-240000 ETC1-S894-10-068-00-240000 Datasheet
81Kb / 1P
68 POS. PLCC ADAPTER
BT8510 ETC1-BT8510 Datasheet
6Mb / 78P
68-pin Plastic Leaded Chip Carrier (PLCC)
logo
Ironwood Electronics.
CA-PLCC68-D-C-T-01 IRONWOOD-CA-PLCC68-D-C-T-01 Datasheet
36Kb / 1P
Carrier Adaptor (CA): 68 position PLCC production socket with test points to 68 position PLCC clip base. 1:1 pin mapping.
CA-PLCC068-D-J-01 IRONWOOD-CA-PLCC068-D-J-01 Datasheet
24Kb / 1P
Carrier Adaptor (CA): 68 position PLCC production socket to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC68-D-P-T-01 IRONWOOD-CA-PLCC68-D-P-T-01 Datasheet
62Kb / 1P
CARRIER ADAPTOR: 68 position PLCC socket with test points to 68 position PLCC socket plug.
CA-PLCC68-Z-J-01 IRONWOOD-CA-PLCC68-Z-J-01 Datasheet
22Kb / 1P
PLCC Carrier adaptor 68 position PLCC ZIF socket with female pluggable interface to 68 position surface mount PLCC foot with male pluggable interface.
logo
Assmann Electronics Inc...
A-CCS68-Z-R ASSMANN-A-CCS68-Z-R Datasheet
268Kb / 1P
PLCC SOCKET 68 PIN, TIN
logo
List of Unclassifed Man...
RR-T612-20PK-R1 ETC2-RR-T612-20PK-R1 Datasheet
356Kb / 2P
Soporte de montaje universal
logo
Ironwood Electronics.
SF-PLCC68-J-05 IRONWOOD-SF-PLCC68-J-05 Datasheet
44Kb / 1P
68 male terminal pins to PLCC surface mount lead pattern
logo
TT Electronics.
OVSTRGBB1CR8 TTELEC-OVSTRGBB1CR8 Datasheet
649Kb / 5P
PLCC package with 6 pins
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com