Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB-15S Datasheet (PDF) - AG Electronica

Part # DB-15S
Description  CONECTOR TIPO D 15 PINS HEMBRA
File Size   170.26 Kbytes
Html View  1 
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

DB-15S Datasheet (PDF) - AG Electronica



Similar Part No. - DB-15S

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DB-15SAR AGELECTRONICA-DB-15SAR Datasheet
244Kb / 2P
CONECTOR TIPO D 15 PINS HEMBRA ANGULO RECTO S/T
28/11/2019
DB-15SVGA AGELECTRONICA-DB-15SVGA Datasheet
205Kb / 2P
CONECTOR DB HEMBRA PARA MONITOR
29/11/2019
DB-15SVGAAR AGELECTRONICA-DB-15SVGAAR Datasheet
243Kb / 2P
CONECTOR DB HEMBRA PARA MONITOR ANGULO RECTO
29/11/2019
More results


Similar Description - DB-15S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
Xilinx, Inc
DS069 XILINX-DS069 Datasheet
120Kb / 12P
15 ns pin-to-pin logic delays on all pins
logo
Sanyo Semicon Device
STK403-130 SANYO-STK403-130 Datasheet
114Kb / 6P
STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
logo
Ulti-Mate Connector Inc
SD-836120817 ULTI-MATE-SD-836120817 Datasheet
78Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 8, 15 POSITION CM8R15P07
07/21/2015
SD-836121617 ULTI-MATE-SD-836121617 Datasheet
98Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 6, 15 POSITION, W/JACKPOSTS CM6R15P07-S01
03/05/1999
SD-836121722 ULTI-MATE-SD-836121722 Datasheet
74Kb / 1P
MICRO-D BOARD MOUNT CONNECTOR, PLUG (PINS), 15 POSITION, STYLE 16 (VERTICAL) BACKSHELL CM16R15P02-.140-S01
10/09/2006
SD-836121818 ULTI-MATE-SD-836121818 Datasheet
88Kb / 1P
MICRO-D CIRCUIT CONNECTOR PLUG (PINS), 15 POSITION, STYLE 8 W/THREADED INSERTS CM8R15P07T-S01
03/02/2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com