Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QEN05 Datasheet (PDF) - TEMEX

Part # QEN05
Description  SMD 5x3.2 XO
File Size   569.93 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEN05 Datasheet (PDF) - TEMEX



Similar Part No. - QEN05

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
QEN05 RAKON-QEN05 Datasheet
467Kb / 4P
Standard SMD XO | Wireless Communications
24 Oct 2023
QEN05AAA RAKON-QEN05AAA Datasheet
467Kb / 4P
Standard SMD XO | Wireless Communications
24 Oct 2023
QEN05AAAR RAKON-QEN05AAAR Datasheet
467Kb / 4P
Standard SMD XO | Wireless Communications
24 Oct 2023
QEN05AAB RAKON-QEN05AAB Datasheet
467Kb / 4P
Standard SMD XO | Wireless Communications
24 Oct 2023
QEN05AABR RAKON-QEN05AABR Datasheet
467Kb / 4P
Standard SMD XO | Wireless Communications
24 Oct 2023
More results


Similar Description - QEN05

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
SMD 5x3.2 13MHz VCTCXO
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
SMD 5x3.2 16.367667MHz TCXO
TX0173A TAI-SAW-TX0173A Datasheet
230Kb / 5P
SMD 5x3.2 12MHz TCXO
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
SMD 5x3.2 18.414MHz TCXO
TX0196A TAI-SAW-TX0196A Datasheet
219Kb / 6P
SMD 5x3.2 20.000MHz TCXO
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
SMD 5x3.2 12.8MHz TCXO
logo
MMD Components
MUL MMD-MUL_12 Datasheet
154Kb / 2P
MUL Series 5X3.2 Ceramic SMD Oscillator
MUV MMD-MUV_12 Datasheet
153Kb / 2P
MUV Series 5X3.2 Ceramic SMD Oscillator
logo
Fox Electronics
FTP300H FOX-FTP300H Datasheet
493Kb / 2P
OVEN-CONTROLLED, HCMOS, SMD, XO
FTP301AH FOX-FTP301AH Datasheet
502Kb / 2P
OVEN-CONTROLLED, HCMOS, SMD, XO
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com