Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QESM012 Datasheet (PDF) - TEMEX

Part # QESM012
Description  SMD 7.0x5.0 Crystal - Ceramic SMD 2 pads packaged
File Size   474.81 Kbytes
Html View  1   2   3   4 
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QESM012 Datasheet (PDF) - TEMEX



Similar Part No. - QESM012

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
SMD 7.0x5.0 Crystal - Ceramic SMD packaged
logo
Rakon Limited
QESM01 RAKON-QESM01 Datasheet
435Kb / 3P
Standard SMD Crystal | Wireless Communications
02 September 2022
More results


Similar Description - QESM012

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM042 TEMEX-QESM042 Datasheet
689Kb / 4P
SMD 6.0x3.5 Crystal - Ceramic SMD 2 pads packaged
QESM04 TEMEX-QESM04 Datasheet
583Kb / 4P
SMD 6.0x3.5 Crystal - Ceramic SMD packaged
QESM05 TEMEX-QESM05 Datasheet
571Kb / 4P
SMD 5.0x3.2 Crystal - Ceramic SMD packaged
QESM052 TEMEX-QESM052 Datasheet
567Kb / 4P
SMD 5.0x3.2 Crystal - Ceramic SMD 2 pads packaged
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
SMD 7.0x5.0 Crystal - Ceramic SMD packaged
QESM07 TEMEX-QESM07 Datasheet
463Kb / 4P
SMD 3.2x2.5 Crystal -Ceramic SMD packaged
QESM06 TEMEX-QESM06 Datasheet
439Kb / 4P
SMD 4.0x2.5 Crystal - Ceramic SMD packaged
logo
TXC Corporation.
7A-SERIES TXC-7A-SERIES Datasheet
984Kb / 1P
2 pads SMD glass sealed crystal units.
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0995A TAI-SAW-TZ0995A Datasheet
176Kb / 5P
SMD 7.0x5.0 8.192MHz Crystal Unit
REV. NO.: 1
TZ1151A TAI-SAW-TZ1151A Datasheet
173Kb / 5P
SMD 7.0x5.0 11.0592MHz Crystal Unit
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com