Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QEHC49U Datasheet (PDF) - TEMEX

Part # QEHC49U
Description  HC49U Crystal - Through Hole packaged
File Size   448.31 Kbytes
Html View  1   2   3 
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49U Datasheet (PDF) - TEMEX



Similar Part No. - QEHC49U

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
QEHC49U RAKON-QEHC49U Datasheet
300Kb / 3P
Pin Type Crystal | Wireless Communications
30 November 2022
More results


Similar Description - QEHC49U

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEUM5 TEMEX-QEUM5 Datasheet
450Kb / 3P
UM5 Crystal - Through Hole & Gull Wing SMD packaged
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
UM1 Crystal - Through Hole & Gull Wing SMD packaged
QEHC49H3 TEMEX-QEHC49H3 Datasheet
429Kb / 3P
HC49/S Crystal - Through Hole packaged
logo
QUARTZCOM the communica...
UM-1SLIM QUARTZCOM-UM-1SLIM Datasheet
89Kb / 1P
Metal packaged through hole Crystal Wide frequency range: 8 to 250 MHz
logo
Kingtronics Internation...
QKT-HC49U KINGTRONICS-QKT-HC49U Datasheet
319Kb / 1P
QKT ??HC49U QUARTZ CRYSTAL
logo
NIHON DEMPA KOGYO
NP5032SB NDK-NP5032SB_18 Datasheet
606Kb / 1P
Simple Packaged Crystal Oscillator
7311S-DF NDK-7311S-DF Datasheet
90Kb / 1P
Simple Packaged Crystal Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1746A TAI-SAW-TZ1746A Datasheet
298Kb / 4P
HC49U DIP 2.4576MHz Crystal Unit
REV. NO.: 3.0
TZ1981A TAI-SAW-TZ1981A Datasheet
296Kb / 4P
HC49U DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ2430A TAI-SAW-TZ2430A Datasheet
71Kb / 5P
HC49U DIP 1.8432MHz Crystal Unit
REV. NO.: 2.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com