Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3513Z6 Datasheet (PDF) - AXElite technology co. ltd

Part # AX3513Z6
Description  1.4MHz, 1A Synchronous Step-Down Converter
File Size   1045.38 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3513Z6 Datasheet (PDF) - AXElite technology co. ltd



Similar Part No. - AX3513Z6

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3515 AXELITE-AX3515 Datasheet
837Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515A AXELITE-AX3515A Datasheet
743Kb / 13P
Dual High Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515AJ10A AXELITE-AX3515AJ10A Datasheet
743Kb / 13P
Dual High Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3515J12A AXELITE-AX3515J12A Datasheet
837Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev.1.3 Oct.31, 2019
AX3518 AXELITE-AX3518 Datasheet
824Kb / 14P
1MHz, 3.2A Synchronous Step-Down Converter
Rev.1.3 Nov.26, 2019
More results


Similar Description - AX3513Z6

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1973 MAXIM-MAX1973 Datasheet
331Kb / 15P
Smallest 1A, 1.4MHz Step-Down Regulators
Rev 0; 7/02
logo
ACE Technology Co., LTD...
ACE721B ACE-ACE721B Datasheet
740Kb / 8P
1.3A 1.4MHz Synchronous Step-Down Converter
VER 1.2
logo
Monolithic Power System...
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
1A, 16V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
1.4MHz Step-Down Converter
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
1.4MHz, 1.5A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
MT2482 ETC1-MT2482 Datasheet
711Kb / 11P
1.4MHz, 18V竊?A Synchronous Step-Down Converter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com