Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2381 Datasheet (PDF) - Hamamatsu Corporation

Part # S2381
Description  Si APD Low bias operation, for 800 nm band
File Size   152.04 Kbytes
Html View  1   2   3   4 
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2381 Datasheet (PDF) - Hamamatsu Corporation



Similar Part No. - S2381

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2381 HAMAMATSU-S2381 Datasheet
148Kb / 4P
Low bias operation, for 800 nm band
More results


Similar Description - S2381

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
APD MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
Si APD ?1 mm quadrant APD
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
Low temperature coefficient type APD for 800 nm band
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
Low bias operation, for 800 nm band
logo
Linear Technology
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
75V DC/DC Converter for APD Bias
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
Low bias operation, high-speed Si APD for 900 nm
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
Short wavelength type APD, for 600 nm band
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
Low bias operation, for 800 nm band
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com