Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB-232 Datasheet (PDF) - SOVICO corp.

Part # STB-232
Description  TERMINAL BOARD
File Size   1118.03 Kbytes
Html View  1 
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

STB-232 Datasheet (PDF) - SOVICO corp.



Similar Part No. - STB-232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STB-2 ETC-STB-2 Datasheet
155Kb / 1P
DO-35 Case
logo
Eravant
STB-2034433526-2F2F-S1 ERAVANT-STB-2034433526-2F2F-S1 Datasheet
388Kb / 3P
Broadband Amplifier, 20 to 44 GHz, 35 dB Gain, 26 dBm P1dB
Rev 1.1
STB-2034433528-2F2F-S1 ERAVANT-STB-2034433528-2F2F-S1 Datasheet
361Kb / 3P
Broadband Amplifier, 20 to 44 GHz, 35 dB Gain, 28 dBm P1dB
Rev 1.1
STB-2734033526-2828-S1-C ERAVANT-STB-2734033526-2828-S1-C Datasheet
320Kb / 3P
Compact Benchtop Amplifier, 26.5 to 40 GHz, 35 dB Gain, 27 dBm
More results


Similar Description - STB-232

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-07-2101 MOLEX5-02-07-2101 Datasheet
35Kb / 2P
Board-In Crimp Terminal
02-09-2105 MOLEX5-02-09-2105 Datasheet
35Kb / 1P
Board-In Crimp Terminal
logo
Major League Electronic...
BSTC-6-D MAJOR-LEAGUE-BSTC-6-D Datasheet
86Kb / 1P
Board Stacker Terminal Strips
logo
List of Unclassifed Man...
15226 ETC2-15226 Datasheet
237Kb / 1P
MINIATURE TURRET TERMINAL BOARD
15406 ETC2-15406 Datasheet
219Kb / 1P
MINIATURE TURRET TERMINAL BOARD
logo
Keystone Electronics Co...
15246 KEYSTONE-15246 Datasheet
242Kb / 1P
TERMINAL BOARD
1.6.82
15256 KEYSTONE-15256 Datasheet
234Kb / 1P
MINIATURE TURRET TERMINAL BOARD
5.12.00
15292 KEYSTONE-15292 Datasheet
92Kb / 1P
TERMINAL BOARD
1.06.82
15401 KEYSTONE-15401 Datasheet
76Kb / 1P
MINIATURE TURRET TERMINAL BOARD
1.18.82
15432 KEYSTONE-15432 Datasheet
213Kb / 1P
MINIATURE TURRET TERMINAL BOARD
1.18.82
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com